PART |
Description |
Maker |
IN74HC597A IN74HC597AD IN74HC597AN |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
SL74HC597 SL74HC597D SL74HC597N |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch(High-Performance Silicon-Gate CMOS)
|
SLS[System Logic Semiconductor]
|
KK74HC597A KK74HC597AD KK74HC597AN |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
24C128 AT24C128 AT24C128-10CC AT24C128-10CC-1.8 AT |
2-WireSerialEEPROMs 128 x 64 pixel format, LED or EL Backlight available BOX WATERTIGHT 4.70X4.70X1.1,1 Triple 3-Input Positive-NOR Gate 14-TSSOP -40 to 85 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 122 x 32 pixel format, Compact LCD size Replaced by SN74LV32A : Quadruple 2-Input Positive-OR Gate 14-SSOP -40 to 85 Replaced by SN74LV32A : Quadruple 2-Input Positive-OR Gate 14-SOIC -40 to 85 2-Wire Serial EEPROMs 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROMs 2线串行EEPROM 2-Wire Serial EEPROMs 16K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-Wire Serial EEPROMs 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROMs
|
http:// ATMEL[ATMEL Corporation] ATMELCorporation Atmel Corp. Atmel, Corp.
|
DAC8043AZ/883 |
12-Bit Serial Input Multiplying CMOS D/A Converter SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, CDIP8
|
Analog Devices, Inc.
|
AD5362BCPZ |
8-Channel, 16-Bit, Serial Input, Voltage-Output DAC; Package: LFCSP (8x8mm); No of Pins: 56; Temperature Range: Industrial SERIAL INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, QCC56
|
Analog Devices, Inc.
|
AD7390 AD7390AN AD7390AR AD7390AR-REEL7 AD7391AN A |
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs 3 V Serial-Input Micropower 10-Bit and 12-Bit DACs SERIAL INPUT LOADING, 70 us SETTLING TIME, 10-BIT DAC, PDSO8 3/ 5 Volt Serial-Input Micropower 12-Bit DAC SERIAL INPUT LOADING, 70 us SETTLING TIME, 12-BIT DAC, PDSO8 1.75 MM HEIGHT, SOIC-8 3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
PS2802-1 PS2802-1-F3 PS2802-1-F4 PS2802-4 PS2802-4 |
A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended Inputs; Data Interface:Serial; Package/Case:24-TSSOP; Interface Type:Serial A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended; Data Interface:Serial; Package/Case:24-SOIC; IC Generic Number:5351; Interface Type:Serial RoHS Compliant: Yes HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
AD5449YRUZ-REEL7 AD5429YRUZ |
SERIAL INPUT LOADING, 0.08 us SETTLING TIME, 12-BIT DAC, PDSO16 ROHS COMPLIANT, MO-153AB, TSSOP-16 Dual 8-Bit, High Bandwidth Multiplying D/A Converter With Serial Interface; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 0.08 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Analog Devices, Inc.
|
KK74HC166A |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
|
KODENSHI KOREA
|